Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQC9311 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQC9311
Description  0.4-3.6 GHz Dual Channel DVGA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC9311 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQC9311_15 Datasheet HTML 1Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 2Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 3Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 4Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 5Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 6Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 7Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 8Page - TriQuint Semiconductor TQC9311_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQC9311
0.4-3.6 GHz Dual Channel DVGA
Datasheet: Rev. D 08-19-14
- 2 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Supply Voltage (VDD)
+4.75
+5
+5.25
V
Tch (for >106 hours MTTF)
+190
°C
Case Temperature
-40
+105
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150 °C
RF Input Power, CW, 50Ω, 24 hr, 25°C +24 dBm
VDD, Power Supply Voltage
+6 V
Reverse Device Voltage
−0.3 V
Digital Input Voltage
VDD+ 0.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions: VAMP = VDD =+5 V, TLEAD=+25°C
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
400
3600
MHz
Test Frequency
1950
MHz
Gain
Max gain setting
13.2
dB
Gain Control Range
31.5
dB
Gain Control Step Size
0.5
dB
Control Interface
12
bits
Gain Accuracy
700 – 2700 MHz, major states
± (0.3 + 5% of Atten. Setting)
dB
Input Return Loss
13
dB
Output Return Loss
11.5
dB
Output P1dB
+21.1
dBm
Output IP3
Pout = +3 dBm/tone, Δf = 1MHz
+36.5
dBm
Input IP3
Pin = -8 dBm/tone, Δf = 1MHz
+23.3
dBm
Isolation
Channel-to-channel
55
dB
Noise Figure
Max gain setting
3.8
dB
Supply Current
Per channel
87
mA
Thermal Resistance (Rth)
Channel to case
°C /W


Similar Part No. - TQC9311_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9312 TRIQUINT-TQC9312 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
More results

Similar Description - TQC9311_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
logo
Johanson Technology Inc...
3600BL14M050 JOHANSON-3600BL14M050 Datasheet
134Kb / 2P
   3.6 GHz Balun
3600BL14M100 JOHANSON-3600BL14M100 Datasheet
133Kb / 2P
   3.6 GHz Balun
logo
Texas Instruments
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
   3.4-3.6 GHz Power Amplifier
logo
Johanson Technology Inc...
3600BP15M600E JOHANSON-3600BP15M600E Datasheet
88Kb / 2P
   3.6 GHz Band Pass Filter
3600BP15M600 JOHANSON-3600BP15M600 Datasheet
88Kb / 2P
   3.6 GHz Band Pass Filter
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com