Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR620 Datasheet(PDF) 3 Page - Lumins Inc.

Part # SR620
Description  Cast aluminum driver housing.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR620 Datasheet(HTML) 3 Page - Lumins Inc.

  SR620 Datasheet HTML 1Page - Lumins Inc. SR620 Datasheet HTML 2Page - Lumins Inc. SR620 Datasheet HTML 3Page - Lumins Inc. SR620 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
SR620 SERIES
SCIROCCO - LED
3
PAA
Pole series
PSB
Pole series
PST
Pole series
Ø 4”
Ø 5”
Ø 4”
Tapered
Ø 4”
Height
Pole
PAA410 PAA510
PST10
-------
PSB10
10Ft.(3M)
PAA412 PAA512
PST12
-------
PSB12
12Ft.(3,6M)
PAA414 PAA514
PST14
-------
PSB14
14Ft.(4,2M)
PAA416 PAA516
PST16
PTA16
PSB16
16Ft.(4,8M)
PAA418 PAA518
-------
PTA18
PSB18
18Ft.(5,5M)
PAA420 PAA520
-------
PTA20
PSB20 20Ft.(6,0M)
-------
-------
-------
PTA25
-------
25Ft.(7,6M)
For additional pole details, please refer to separate pole specification sheet.
Ø 4”= 100mm Ø5”= 127mm
MATChINgPoLESELECTIoN
16”
(406)
28”
(711)
10.75”
(273)
22.5”
(572)
4.25”
(108)
Power feed
31”
(787)
30”
(762)
17.75”
(451)
ACA 1
1” X 3” extruded aluminum extended arm pole
mounting adaptor designed to fit with 4 to
5” dia. poles. 1/2” dia. X 45º standard natural
stainless steel rod support. (EPA: 0.7)
APC
1” X 3” extruded aluminum side pole mounting
straight adaptor (EPA: 0.12)
APS
1 5/8” Dia. shepherd aluminum post top mount,
with a cast aluminum tenon to fit with a 3 3/4”
I.D. pole. (EPA: 0.15)
APA1
1 5/8” Dia. shepherd aluminum side pole mount.
(EPA: 0.15)
NoTE1
: PCA Pole with ACA and APA attachments require a 30” (762) tenon extension over pole nominal height. Factory installed.
Power feed
PoLEMoUNT


Similar Part No. - SR620

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR620 GXELECTRONICS-SR620 Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR620

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
   Cast aluminum driver housing.
SR315 LUMINIS-SR315 Datasheet
972Kb / 4P
   Cast aluminum driver housing.
SR528 LUMINIS-SR528 Datasheet
466Kb / 2P
   Cast aluminum driver housing
SR215 LUMINIS-SR215 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR115 LUMINIS-SR115 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR135 LUMINIS-SR135 Datasheet
993Kb / 5P
   Cast aluminum driver housing.
NT145 LUMINIS-NT145 Datasheet
301Kb / 2P
   Cast aluminum enclosed driver housing
NT145C LUMINIS-NT145C Datasheet
252Kb / 2P
   Cast aluminum enclosed driver housing
NT625C LUMINIS-NT625C Datasheet
196Kb / 2P
   Cast aluminum enclosed driver housing
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com