Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR620 Datasheet(PDF) 4 Page - Lumins Inc.

Part # SR620
Description  Cast aluminum driver housing.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR620 Datasheet(HTML) 4 Page - Lumins Inc.

  SR620 Datasheet HTML 1Page - Lumins Inc. SR620 Datasheet HTML 2Page - Lumins Inc. SR620 Datasheet HTML 3Page - Lumins Inc. SR620 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
SR620 SERIES
SCIROCCO - LED
4
18.25”
(463)
14.5”
(368)
14”
(356)
13.5”
(343)
3”
(76)
4.625”
(118)
Power feed
8.5”
(216)
4.25”
(108)
1”
(25)
6.25”
(159)
27”
(686)
Power feed
t
1” X 3” extruded aluminum wall mounting
straight adaptor with cast aluminum cover and
galvanized steel mounting plate.
4.625”
(118)
3”
(76)
17.75”
(451)
Power feed
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
WALLMoUNT
CATENARYSUSPENSIoN
CEILINgPENDANTMoUNT
ACW
1” X 3” extruded aluminum extended arm wall
mounting adaptor with cast aluminum covers and
galvanized steel mounting plates. 1/2” dia. X 45º
standard natural stainless steel rod support.
CAt
Attachment includes a sealed cast aluminum connection box with (2) 1/2”
sealed connectors for armored power cable (by others). Ready to accept
1/4” stainless steel suspension cable (by others).
stM
36” lg. (914) stem with 45º swivel ceiling mount Ø 5/8” (16) aluminum
suspension stem.
Luminaire top swivel adaptor allows to cut stem to length on site.
(Mounts over a standard 4” octagonal box with 3 1/2” C/C holes)
sPg
4/18 Silver braided power cable, with stainless steel adjustable cable.
Standard 36” lg. (914). Other lengths available on request.
ssC
Set of three stabilizer cables
W
1 5/8” Dia. shepherd aluminum arm wall mount,
with a cast aluminum wall cover and galvanized
steel mounting plate.
Mounting
Mounting
Mounting
36”
(915)
STM
SPg
STEM
SSC


Similar Part No. - SR620

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR620 GXELECTRONICS-SR620 Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR620 SAMYANG-SR620 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR620

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
   Cast aluminum driver housing.
SR315 LUMINIS-SR315 Datasheet
972Kb / 4P
   Cast aluminum driver housing.
SR528 LUMINIS-SR528 Datasheet
466Kb / 2P
   Cast aluminum driver housing
SR215 LUMINIS-SR215 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR115 LUMINIS-SR115 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
SR135 LUMINIS-SR135 Datasheet
993Kb / 5P
   Cast aluminum driver housing.
NT145 LUMINIS-NT145 Datasheet
301Kb / 2P
   Cast aluminum enclosed driver housing
NT145C LUMINIS-NT145C Datasheet
252Kb / 2P
   Cast aluminum enclosed driver housing
NT625C LUMINIS-NT625C Datasheet
196Kb / 2P
   Cast aluminum enclosed driver housing
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com