Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR205 Datasheet(PDF) 4 Page - Lumins Inc.

Part # SR205
Description  Cast aluminum ballast housing.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR205 Datasheet(HTML) 4 Page - Lumins Inc.

  SR205 Datasheet HTML 1Page - Lumins Inc. SR205 Datasheet HTML 2Page - Lumins Inc. SR205 Datasheet HTML 3Page - Lumins Inc. SR205 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
18.25”
(463)
14.5”
(368)
14”
(356)
13.5”
(343)
3”
(76)
4.625”
(118)
Power feed
SR105/SR205 SERIES
SCIROCCO - HID/CFL
4
27”
(686)
Power feed
t
1” X 3” extruded aluminum wall mounting
straight adaptor with cast aluminum cover and
galvanized steel mounting plate.
4.625”
(118)
3”
(76)
17.75”
(451)
Power feed
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
WALLMOUNT
CATENARYSUSPENSION
CEILINgPENDANTMOUNT
ACW
1” X 3” extruded aluminum extended arm wall
mounting adaptor with cast aluminum covers and
galvanized steel mounting plates. 1/2” dia. X 45º
standard natural stainless steel rod support.
W
1 5/8” Dia. shepherd aluminum arm wall mount,
with a cast aluminum wall cover and galvanized
steel mounting plate.
Mounting
Mounting
Mounting
8.5”
(216)
4.25”
(108)
1”
(25)
6.25”
(159)
36”
(915)
STM
SPg
CAt
Attachment includes a sealed cast aluminum connection box with (2) 1/2”
sealed connectors for armored power cable (by others). Ready to accept
1/4” stainless steel suspension cable (by others).
stM
36” lg. (914) stem with 45º swivel ceiling mount Ø 5/8” (16) aluminum
suspension stem.
Luminaire top swivel adaptor allows to cut stem to length on site.
(Mounts over a standard 4” octagonal box with 3 1/2” C/C holes)
sPg
4/18 Silver braided power cable, with stainless steel adjustable cable.
Standard 36” lg. (914). Other lengths available on request.
ssC
Set of three stabilizer cables
STEM
SSC


Similar Part No. - SR205

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR205 MOSPEC-SR205 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Taiwan Semiconductor Co...
SR205 TSC-SR205 Datasheet
63Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
SR205 TSC-SR205 Datasheet
162Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SR205 DAESAN-SR205 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
MIC GROUP RECTIFIERS
SR205 MIC-SR205 Datasheet
50Kb / 2P
   SCHOTTTKY BARRIER RECTIFIER
More results

Similar Description - SR205

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
SR125 LUMINIS-SR125 Datasheet
972Kb / 4P
   Cast aluminum ballast housing.
SR305 LUMINIS-SR305 Datasheet
956Kb / 4P
   Cast aluminum ballast housing.
SR360 LUMINIS-SR360 Datasheet
896Kb / 4P
   Cast aluminum ballast housing.
SR615 LUMINIS-SR615 Datasheet
928Kb / 4P
   Cast aluminum ballast housing.
NT625 LUMINIS-NT625 Datasheet
836Kb / 2P
   Cast aluminum enclosed ballast housing.
NT640 LUMINIS-NT640 Datasheet
669Kb / 2P
   Cast aluminum enclosed ballast housing.
PR1240SOLO LUMINIS-PR1240SOLO Datasheet
383Kb / 3P
   Extruded aluminum ballast housing.
PR1240 LUMINIS-PR1240_15 Datasheet
383Kb / 3P
   Extruded aluminum ballast housing
SR315 LUMINIS-SR315 Datasheet
972Kb / 4P
   Cast aluminum driver housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com