Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQK0607AQDQS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RQK0607AQDQS
Description  Silicon N Channel MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0607AQDQS Datasheet(HTML) 5 Page - Renesas Technology Corp

  RQK0607AQDQS_15 Datasheet HTML 1Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 2Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 3Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 4Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 5Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 6Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 7Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 8Page - Renesas Technology Corp RQK0607AQDQS_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RQK0607AQDQS
REJ03G1620-0100 Rev.1.00 Mar 03, 2008
Page 3 of 7
Main Characteristics
10
4
8
26
0
0
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics (1)
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics (2)
Gate to Source Voltage VGS (V)
Gate to Source Cutoff Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
2
4
*When using the glass epoxy board (FR-4 40 x 40 x 1 mm)
0
2
4
6
8
10
01
2
3
4
0.00001
0.0001
0.001
0.01
1
0.1
0
0.5
1
1.5
2
0
0.5
1.0
1.5
2.0
–25
0
25
50
75
100 125 150
0.01
0.1
1
10
100
0.01
0.1
1
100
10
0
1
0.5
2
1.5
0
25
50
75
100
125
150
0.001
6
8
10
µs
100
µs
1 ms
10 ms
100 ms
DC Operation
Ta = 25
°C
1 Shot Pulse
Operation in this area
is limited by R
DS(on)
V
GS = 0V
1.6V
1.8 V
2.0 V
3.0 V
2.2 V
2.4 V
2.6 V
2.8 V
4 V
5 V
7 V
10 V
Pulse Test
Tc = 25
°C
Tc = 75
°C
–25
°C
VDS = 10 V
Pulse Test
25
°C
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
ID = 10 mA
1 mA
0.1 mA


Similar Part No. - RQK0607AQDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0607AQDQSTL-E RENESAS-RQK0607AQDQSTL-E Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0607AQDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com