Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQJ0601DGDQS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RQJ0601DGDQS
Description  Silicon P Channel MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0601DGDQS Datasheet(HTML) 8 Page - Renesas Technology Corp

  RQJ0601DGDQS_15 Datasheet HTML 1Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 2Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 3Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 4Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 5Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 6Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 7Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 8Page - Renesas Technology Corp RQJ0601DGDQS_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RQJ0601DGDQS
Rev.3.00 Jun 05, 2006 page 6 of 6
Package Dimensions
4.5 ± 0.1
1.8 Max
1.5 ± 0.1
0.44 Max
0.44 Max
0.48 Max
0.53 Max
1.5 1.5
3.0
φ 1
(1.5)
Previous Code
PLZZ0004CA-A
UPAK / UPAKV
MASS[Typ.]
0.050g
SC-62
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
UPAK
Ordering Information
Part Name
Quantity
Shipping Container
RQJ0601DGDQSTL-E
1000 pcs.
φ178 reel, 12 mm Emboss taping


Similar Part No. - RQJ0601DGDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0601DGDQSTL-E RENESAS-RQJ0601DGDQSTL-E Datasheet
87Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0601DGDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com