Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQJ0301HGDQS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RQJ0301HGDQS
Description  Silicon P Channel MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0301HGDQS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQJ0301HGDQS_15 Datasheet HTML 1Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 2Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 3Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 4Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 5Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 6Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 7Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 8Page - Renesas Technology Corp RQJ0301HGDQS_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev.3.00 Jun 05, 2006 page 1 of 6
RQJ0301HGDQS
Silicon P Channel MOS FET
Power Switching
REJ03G1265-0300
Rev.3.00
Jun 05, 2006
Features
• Low on-resistance
RDS(on) = 38 m
Ω typ (V
GS = –10 V, ID = –2.6 A)
• Low drive current
• High speed switching
• 4.5 V gate drive
Outline
RENESAS package code: PLZZ0004CA-A
(Package name: UPAK
)
R
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
D
2, 4
G
1
S
3
Note:
Marking is “HG”.
*UPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–30
V
Gate to source voltage
VGSS
+10 / –20
V
Drain current
ID
–5.2
A
Drain peak current
ID (pulse)
Note1
–7.6
A
Body - drain diode reverse drain current
IDR
–5.2
A
Channel dissipation
Pch
Note2
1.5
W
Channel dissipation
Pch (pulse)
Note1
5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 1 s, duty cycle ≤ 1%
2. When using the glass epoxy board (FR-4: 40 x 40 x 1 mm)


Similar Part No. - RQJ0301HGDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0301HGDQSTL-E RENESAS-RQJ0301HGDQSTL-E Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0301HGDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com