Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0005QXDQS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RQA0005QXDQS
Description  Silicon N-Channel MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0005QXDQS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RQA0005QXDQS_15 Datasheet HTML 3Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 4Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 5Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 6Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 7Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 8Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 9Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 10Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RQA0005QXDQS
Rev.1.00 Oct 16, 2006 page 5 of 12
Frequency f (MHz)
Power Gain, Power Added Efficiency
vs. Frequency
Input Return Loss vs. Frequency
Frequency f (MHz)
Idling Current IDQ (A)
Power Gain, Power Added Efficiency
vs. Idling Current
Power Gain, Power Added Efficiency,
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Power Gain, Power Added Efficiency
vs. Input Power
Input Power Pin (dBm)
Output Power, Drain Current
vs. Input Power
Input Power Pin (dBm)
450
470
490
510
530
550
VDS = 6V
IDQ = 200 mA
Pin = 20 dBm
0
10
20
40
0.2
0.4
0.6
ID
Pout
0
5
15
20
10
30
0.5
0.3
0
40
80
20
60
0
10
20
5
15
PG
PAE
25
VDS = 6 V
f = 520 MHz
IDQ = 200 mA
470
490
510
530
550
450
0
10
20
30
40
0
20
40
60
80
VDS = 6 V
f = 520 MHz
IDQ = 200 mA
0
5
15
20
10
-20
-15
-5
-10
0
PAE
PG
VDS = 6 V
IDQ = 200 mA
Pin = 20 dBm
25
0
10
20
40
60
f = 520 MHz
IDQ = 200 mA
Pin = 20 dBm
80
15
5
50
70
5678
PG
PAE
34
0
0.1
0.2
0.3
0.5
0.4
VDS = 6 V
f = 520 MHz
Pin = 20 dBm
0
5
20
15
10
60
65
80
75
70
PG
PAE


Similar Part No. - RQA0005QXDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0005QXDQS RENESAS-RQA0005QXDQS Datasheet
196Kb / 13P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0005QXDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com