Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

50-00024 Datasheet(PDF) 1 Page - Tensility International Corp.

Part No. 50-00024
Description  Connector, dc plug, 5.5x2.1xL23 mm, molding style, spring contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00024 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00024 Datasheet HTML 1Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.5 ±0.50
2
2.1 ±0.10
6.5 ±0.20
WEIGHT:
Part number
5
4
3
2
1
X.X:
0.5 mm
X:
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
Initial release
A
877.670.7118 www.tensility.com
800
20802 Sockeye Place #130
541.323.4202
fax
Notes
541.323.3228
tel
2:1
Bend, OR 97701 USA
0.05 mm
DESCRIPTION:
molding style, spring contacts
SCALE:
SHEET 1 OF 1
SIZE
A
50-00024
Connector, dc plug, 5.5x2.1xL23 mm,
Function test: no open, no short circuit, no INT
Date
Description
Revision
9/2/2009
Added test data
11/9/2012
A1
RoHS compliant
X.XX:
0.3 mm
Materials
1. Center contact, C5191 phosphor bronze, 2 μm nickel
plated
2. Insulator, PBT + 15% glass fiber, black
3. Shell, C3604 brass, 2 μm nickel plated

Electrical requirements
Dielectric strength: 1 min @ 500 Vac
Insulation resistance: 100 MΩ @ 500 Vdc
Contact resistance: 30 mΩ or less
Rated voltage: 20 Vdc
Rated current: 7 A

Mechanical requirements
Insertion force: 0.3-3 kgf
Withdrawal force: 0.3-3 kgf
Durability: 5000 mating cycles while maintaining; 0.3-2 kgf
insertion force, 0.2-1.5 kgf withdrawal force and a less than
100 mΩ contact resistance.

Environmental requirements
Damp test: 40 °C, RH 90-100% for 96 hrs. Cool to ambient
and recover for 2 hours. Maintain dielectric strength of 500
Vac for 1 min, insulation resistance of 50 MΩ @ 500 Vdc
minimum and a contact resistance of 100 mΩ or less.

Dry test: 70 °C, RH 70-85% for 96 hrs. Cool to ambient and
recover for 2 hours. Maintain insulation resistance of 50
MΩ @ 500 Vdc minimum and a contact resistance of 100
mΩ or less.

Salt spray test: 35 °C, RH 90-95%, 5% NaCl mist for 24 hrs.
Wash parts after test. Maintain mechanical requirements
and a contact resistance of less than 80 mΩ.

Operating range
-25 to 70 °C, relative humidity of 85% or less
23 ±0.50
0.5 ±0.10
17.5 ±0.30
1.5
2
1.8 ±0.20
3
2
1


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn