Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJM0306JSP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RJM0306JSP
Description  Silicon N / P Channel Power MOS FET High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0306JSP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RJM0306JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 8Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 9Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 10Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 11Page - Renesas Technology Corp RJM0306JSP_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RJM0306JSP
Preliminary
REJ03G1571-0101 Rev.1.01
Page 8 of 11
May 28, 2010
MOS3, 4 (Pch)
0
–10
–20
–30
–40
–50
0
0
–4
–8
–12
–16
–20
246
8
10
Gate Charge Qg (nc)
Dynamic Input Characteristics
0
–0.4
–0.8
–1.2
–1.6
–2.0
–10
–5
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
VGS = 0 V, 5 V
–5 V
Pulse Test
–10 V
Avalanche Test Circuit
Avalanche Waveform
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
–15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
2
1.5
1
0.5
25
50
75
100
125
150
0
L = 100
μH
VDD = –15 V
duty < 0.1 %
Rg
≥ 50 Ω
ID = –3.5 A
VDS
VGS
VDD = –25 V
–10 V
–5 V
VDD = –25 V
–10 V
–5 V


Similar Part No. - RJM0306JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJM0306JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3015T RENESAS-HAT3015T Datasheet
88Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_15 Datasheet
278Kb / 14P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3015R RENESAS-HAT3015R Datasheet
64Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_09 Datasheet
263Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3005R RENESAS-HAT3005R Datasheet
58Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_05 Datasheet
116Kb / 10P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com