Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC18T Datasheet(PDF) 3 Page - Mercury United Electronics Inc

Part # OC18T
Description  5 pin solder sealed metal package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

OC18T Datasheet(HTML) 3 Page - Mercury United Electronics Inc

  OC18T Datasheet HTML 1Page - Mercury United Electronics Inc OC18T Datasheet HTML 2Page - Mercury United Electronics Inc OC18T Datasheet HTML 3Page - Mercury United Electronics Inc OC18T Datasheet HTML 4Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
" OC14T_ _ " ( square wave )
" OC24T_ _ " ( square wave )
" OC11T_ _ " ( square wave ) and " OC11E " ( true sine wave )
" OC18T_ _ " ( square wave ) and " OC18E " ( true sine wave )
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com
U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com
China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
" OC30T_ _ " ( square wave ) and " OC30E " ( true sine wave )
" OC31T_ _ " ( square wave ) and " OC31E " ( true sine wave )
Mercury www .mercury-crystal.com
" OC40T_ _ " ( square wave ) and " OC40E " ( true sine wave )
" OC22T_ _ " ( square wave ) and " OC22E " ( true sine wave )
Test Circuits
" OCXO "
[ Oven Controlled Crystal Oscillators ]
True Sine wave " OC _ E "
Square wave " OC _ T "


Similar Part No. - OC18T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC18T12A EUROQUARTZ-OC18T12A Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12A-10.000-0.05-20 EUROQUARTZ-OC18T12A-10.000-0.05-20 Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12S EUROQUARTZ-OC18T12S Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC18T12S-10.000-0.01-20 EUROQUARTZ-OC18T12S-10.000-0.01-20 Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC18T5A EUROQUARTZ-OC18T5A Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 5.0 Volts
More results

Similar Description - OC18T

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
OC18E MERCURY-OC18E Datasheet
188Kb / 4P
   5 pin solder sealed metal package
OC30T MERCURY-OC30T Datasheet
164Kb / 2P
   Mercury OC30T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11E MERCURY-OC11E Datasheet
165Kb / 2P
   Mercury OC11E is 25.4x25.4 mm 5 pin solder sealed metal pacakge
OC30E MERCURY-OC30E Datasheet
166Kb / 2P
   Mercury OC30E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC31T MERCURY-OC31T Datasheet
167Kb / 2P
   Mercury OC31T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC31E MERCURY-OC31E Datasheet
169Kb / 2P
   Mercury OC31E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11T MERCURY-OC11T Datasheet
164Kb / 2P
   Mercury OC11T is 25.4x25.4 mm (1 inch square) 5 pin solder sealed metal
OC22E MERCURY-OC22E Datasheet
164Kb / 2P
   Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
OC22T MERCURY-OC22T Datasheet
160Kb / 2P
   Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
logo
Continental Device Indi...
TO-3 CDIL-TO-3 Datasheet
151Kb / 3P
   Hermetically Sealed Metal Can Package TO-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com