Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLM-5050UXX-01-11-12V-W Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLM-5050UXX-01-11-12V-W
Description  LED Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLM-5050UXX-01-11-12V-W Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLM-5050UXX-01-11-12V-W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UXX-01-11-12V-W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UXX-01-11-12V-W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UXX-01-11-12V-W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
■Package(5 meters)
The backsides of all products will stick ‘3M’ branded double-sided sticker with 10mm width.
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
4/4
FYLM-5050UXX-01-11-12V-W
A
Http://www.foryard.com
Model No.
:FYLM-5050UXX-01-11-12V-W
Rev.
Model No.
Part NO: FYLM-XXXXXXX-XX-XX-XXX-X
Part NO: FYLM-XXXXXXX-XX-XX-XXX-X
XPCS/Polybag
xPolybags/Box
24Boxes/Carton
Date:xxxx/xx/xx
Q'TY: XX PCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
Qty:xxx PCS
Date:xxxx/xx/xx
GW: xx
KG
NW: xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC: QC
PASS
21.0
22
.0
5
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
44.0
46
.0
34
.0
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL
OUTSIDE LABEL


Similar Part No. - FYLM-5050UXX-01-11-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
More results

Similar Description - FYLM-5050UXX-01-11-12V-W

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS-MDR3W-W5DLS1C1A OPTOSUPPLY-OS-MDR3W-W5DLS1C1A Datasheet
201Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-5050UXX-03-16-12V-W FORYARD-FYLM-5050UXX-03-16-12V-W Datasheet
1Mb / 4P
   LED Module
logo
OptoSupply Internationa...
OS-MDS3W-W5DTS4C1A OPTOSUPPLY-OS-MDS3W-W5DTS4C1A Datasheet
272Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5630UXX-02-06-12V-W FORYARD-FYLM-5630UXX-02-06-12V-W Datasheet
1,012Kb / 4P
   LED Module
FYLM-1134UX3C-03-03-12V-W FORYARD-FYLM-1134UX3C-03-03-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-3528UXX-02-16-12V-W FORYARD-FYLM-3528UXX-02-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-2828UWC-01-16-12V-W FORYARD-FYLM-2828UWC-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-2835UXX-02-38-12V-W FORYARD-FYLM-2835UXX-02-38-12V-W Datasheet
1Mb / 4P
   LED Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com