Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLF-1870UY1C Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLF-1870UY1C
Description  Flux LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLF-1870UY1C Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLF-1870UY1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1870UY1C_15 Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model. No.
Rev.
Min.
Typ.
1.70
---
585
---
---
2.4
---
1200
---
70
Page: 3/7
1.Luminous Intensity is based on the Foryard standards.
Http://www.foryard.com
InGaN
Material
Copper
Gold
Epoxy
Note:
2.Pay attention about static for InGaN
---
---
---
Deg
uA
nm
LM
mcd
Material
Item
Reflector
Wire
Encapsulate
Chip
Symbol
VF
Condition
IF = 20mA
VR = 5V
IF = 20mA
IF = 20mA
IF = 20mA
Tstg
-40ºC+100ºC
VR
Forward Voltage
2.40
5
IF = 20mA
2θ½
Reverse Current
Dominant Wavelength
Luminous Flux
λd
IV
ΦV
Luminous Intensity
IF
100
Reverse Voltage
Operation Temperature
Topr
50% Power Angle
Soldering Temperature
Tsol
5
Items
Max
V
Unit
Symbol
IFP
Items
V
Reflow Soldering:260
/3sec
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Mw
120
-40
º
C+85
º
C
Power Dissipation
mA
mA
Forward Current(DC)
PD
50
595
Peak Forward Current*
A
FYLF-1870UY1C
Model No.
FYLF-1870UY1C
*Pulse width
1msec duty
1/10
IR
Storage Temperature
Unit
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
Absolute maximum Rating


Similar Part No. - FYLF-1870UY1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1870UY1C FORYARD-FYLF-1870UY1C Datasheet
132Kb / 3P
   FLUX LED LAMP
More results

Similar Description - FYLF-1870UY1C_15

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
   FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
980LB7C HB-980LB7C Datasheet
603Kb / 9P
   FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UW1C-UWW FORYARD-FYLF-1870UW1C-UWW Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
940MR2C HB-940MR2C Datasheet
639Kb / 9P
   FLUX LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com