Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK4013DPE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RJK4013DPE
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4013DPE Datasheet(HTML) 8 Page - Renesas Technology Corp

  RJK4013DPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 8Page - Renesas Technology Corp RJK4013DPE_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RJK4013DPE
REJ03G1513-0200 Rev.2.00 Jul 02, 2009
Page 6 of 6
Package Dimensions
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
SC-83
1.30g
MASS[Typ.]
LDPAK(S)-(1) / LDPAK(S)-(1)V
PRSS0004AE-B
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
Package Name
LDPAK(S)-(1)
Ordering Information
Part No.
Quantity
Shipping Container
RJK4013DPE-00-J3
1000 pcs
Taping


Similar Part No. - RJK4013DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4013DPE-00-J3 RENESAS-RJK4013DPE-00-J3 Datasheet
75Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJK4013DPE-00-J3 VBSEMI-RJK4013DPE-00-J3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK4013DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com