Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPS-011007 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPS-011007
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPS-011007 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Digital Phase Shifter
6-Bit, 1.2 - 1.4 GHz
Rev. V2
MAPS-011007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Phase Error (degrees) vs. State
Amplitude Error (dB) vs. State
RFIN Return Loss vs. Frequency (All States)
RFOUT Return Loss vs. Frequency (All States)
Mean RMS Phase Error vs. Frequency
Mean RMS Amplitude Error vs. Frequency
-70
-60
-50
-40
-30
-20
-10
0
1.1
1.2
1.3
1.4
1.5
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
1.1
1.2
1.3
1.4
1.5
Frequency (GHz)
0
1
2
3
4
5
1.1
1.2
1.3
1.4
1.5
Frequency (GHz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (GHz)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
45
90
135
180
225
270
315
360
1.2 GHz
1.3 GHz
1.4 GHz
State
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
0
45
90
135
180
225
270
315
360
1.2 GHz
1.3 GHz
1.4 GHz
State


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn