Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPS-011007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPS-011007
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPS-011007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Digital Phase Shifter
6-Bit, 1.2 - 1.4 GHz
Rev. V2
MAPS-011007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power
1.2 - 1.4 GHz
+27 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-7.0V ≤ VEE ≤ +0.5V
D1-D6, P/S, LE, CLK or
SER IN
-0.5V ≤ VIN ≤ VCC + 0.5V
SER OUT
-0.5V ≤ VOUT ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide and Silicon Integrated Circuits
are sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Proper ESD
control techniques should be used when handling
these devices.
Sample Board Header Pin Labels


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn