Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPS-011007 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPS-011007
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPS-011007 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Digital Phase Shifter
6-Bit, 1.2 - 1.4 GHz
Rev. V2
MAPS-011007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
Freq. = 1.2 - 1.4 GHz, TA = 25°C, Z0 = 50 Ω, VCC = +5.0 V, VEE = -5.0 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Operating Power 3
1.2 - 1.4 GHz
dBm
+25
Insertion Loss
(Any Phase State)
Any Phase State
dB
3.8
5.4
Attenuation Variation
Across All Phase States
dB
± 0.5
RMS Attenuation Error 4
All Values Relative to Insertion Loss at
Reference Phase
dB
0.4
RMS Phase Error 4
All Values Relative to Reference Phase
deg
2
Phase Accuracy
Relative to Reference Loss State
5.6 Degree Bit
11.2 Degree Bit
22.5 Degree Bit
45 Degree Bit
90 Degree Bit
180 Degree Bit
Sum of All Bits
deg
—-
± 0.5
± 0.3
± 1
± 2
± 2
± 1
± 4
VSWR
RF IN
RF OUT
Ratio
1.4:1
1.4:1
1 dB Compression
Reference State
dBm
30
Input IP3
Two-tone inputs up to +5 dBm
dBm
48
VCC
VEE
V
3.0
-5.5
-5.0
5.5
-3.0
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
0.0
0.7 x VCC
0.3 x VCC
VCC
lIN (Input Control Current)
VIN = VCC or GND
µA
1
VOH
VOL
For serial out; IOH = -100 µA
For serial out; IOL = 100 µA
V
VCC - 0.2
0.2
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
µA
5
IEE
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.1
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
50
3. Maximum operating power is the maximum power where the specifications are guaranteed.
4. RMS is calculated across all 63 amplitude or phase states relative to the amplitude or phase in the 0° phase state at a given frequency.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn