Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPS-011007 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPS-011007
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPS-011007 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Digital Phase Shifter
6-Bit, 1.2 - 1.4 GHz
Rev. V2
MAPS-011007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 6 Bit Digital Phase Shifter
 360° Coverage with LSB = 5.6°
 Integrated CMOS Driver
 Serial or Parallel Control
 Low RMS Phase Error: 2°
 Minimal Attenuation Variation over Phase Shift
Range
 Low RMA Attenuation Error: 0.4 dB
 EAR99
 Lead-Free 4 mm 24-Lead PQFN Package
 RoHS* Compliant
Description
The MAPS-011007 is a GaAs pHEMT 6-bit digital
phase shifter with an integrated CMOS driver in a
4 mm PQFN plastic surface mount package. Step
size is 5.6° providing phase shift from 0° to 360° in
5.6° steps. This design has been optimized to
minimize variation in attenuation over the phase shift
range.
The MAPS-011007 is ideally suited for use where
high phase accuracy with minimum loss variation
over the phase shift range are required. The 4 mm
PQFN package provides a smaller footprint than is
typically available for a digital phase shifter with an
internal
driver.
Typical
applications
include
communications antennas and phased array radars.
Pin Configuration 2
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 1
Part Number
Package
MAPS-011007-TR0500
500 piece reel
MAPS-011007-001SMB
Sample Test Board
MAPS-011007
Bulk
1. Reference Application Note M513 for reel size information.
Pin No.
Function
Pin No.
Function
1
VEE
13
GND
2
P/S
14
RF OUT
3
GND
15
GND
4
GND
16
GND
5
RF IN
17
SER OUT
6
GND
18
VCC
7
GND
19
D6
8
GND
20
D5
9
GND
21
D4
10
GND
22
D3 or LE
11
GND
23
D2 or CLK
12
GND
24
D1 or SER IN
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn