Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPS-011007 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPS-011007
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPS-011007 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Digital Phase Shifter
6-Bit, 1.2 - 1.4 GHz
Rev. V2
MAPS-011007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
P/S
LE
Mode
1
X
Serial
0
N/A
Direct Parallel
Serial Mode
Direct Parallel Mode
The serial control interface (SERIN, CLK, LE,
SEROUT) is compatible with the SPI protocol. SPI
mode is activated when P/S is kept high. The 6-bit
serial word must be loaded with the MSB first. After
shifting in the 6 bit word, a rising edge on LE will set
the phase shifter to the desired state. While LE is
high the CLK is masked to protect the data while
implementing the change. SEROUT is SERIN
delayed by 6 clock cycles.
When P/S is low, the serial control interface is
disabled. When P/S is set high, Pins 22, 23, and 24
have the LE, CLK, and SER IN function.
In serial mode operation, the outputs will stay
constant while LE is kept low.
The parallel mode is enabled when P/S is set low. In
the direct parallel mode, the phase shifter is
controlled by the parallel control inputs directly.
When P/S is set low, Pins 22, 23, and 24 have the
D3, D2, and D1 function.
Modes of Operation:
Serial and Direct Parallel
Mode Truth Table
Serial Interface Timing Characteristics
Symbol
Parameter
Typical Performance
Units
-40°C
25°C
+85°C
tSCK
Min. Serial Clock Period
100
100
100
ns
tCS
Min. Control Set-up Time
20
20
20
ns
tCH
Min. Control Hold Time
20
20
20
ns
tLS
Min. LE Set-up Time
10
10
10
ns
tLEW
Min. LE Pulse Width
10
10
10
ns
tLH
Min. Serial Clock Hold Time from LE
10
10
10
ns
tLES
Min. LE Pulse Spacing
630
630
630
ns
Truth Table (Digital Phase Shifter) 7
7. 0 = CMOS Low; 1 = CMOS High, X is CMOS Low or High
D5
D4
D3
D2
D1
Phase Shift
0
0
0
0
0
Loss, Reference
0
0
0
0
1
5.6 deg
0
0
0
1
0
11.2 deg
0
0
1
0
0
22.5 deg
0
1
0
0
0
45 deg
1
0
0
0
0
90 deg
1
1
1
1
1
354.4 deg
D6
0
0
0
0
0
0
1
1
0
0
0
0
0
180 deg


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn