Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST230C14C3 Datasheet(PDF) 5 Page - International Rectifier

Part No. ST230C14C3
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

ST230C14C3 Datasheet(HTML) 5 Page - International Rectifier

  ST230C14C3 Datasheet HTML 1Page - International Rectifier ST230C14C3 Datasheet HTML 2Page - International Rectifier ST230C14C3 Datasheet HTML 3Page - International Rectifier ST230C14C3 Datasheet HTML 4Page - International Rectifier ST230C14C3 Datasheet HTML 5Page - International Rectifier ST230C14C3 Datasheet HTML 6Page - International Rectifier ST230C14C3 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST230C..C Series
5
Bulletin I25162 rev. D 04/03
www.irf.com
Outline Table
Case Style TO-200AB (A-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
19 (0.75)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
13.7 / 14.4
(0.54 / 0.57)
25°±5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
ANODE TO GATE
CREEPAGE DISTANCE: 7.62 (0.30) MIN.
STRIKE DISTANCE: 7.12 (0.28) MIN.
19 (0.75)
DIA. MAX.
38 (1.50) DIA MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
Average On-state Current (A)
Average On-state Current (A)
40
50
60
70
80
90
00
10
20
30
0
40
80 120 160 200 240 280 320
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST230C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs
20
30
40
50
60
70
80
90
00
10
20
30
0
100
200
300
400
500
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST230C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST1230CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 International Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CHPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST700CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST1900CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST730CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST2100CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST780CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST2600CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn