Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L08A-TZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA178L08A-TZ
Description  HA178L00_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L08A-TZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA178L08A-TZ Datasheet HTML 5Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 6Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 7Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 8Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 9Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 10Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 11Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 12Page - Renesas Technology Corp HA178L08A-TZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HA178L00 Series
REJ03D0683-0400 Rev.4.00 Jan 16, 2009
Page 9 of 10
Quiescent Current vs. Junction Temperature (1)
3.5
3.0
–40–25
0
255075 100 125 150
Junction Temperature Tj (
°C)
2.5
HA178L05
VIN = 10 V
VOUT = 5 V
IOUT = 40 mA
Quiescent Current vs. Junction Temperature (2)
3.5
3.0
–40–25
0
255075 100 125 150
Junction Temperature Tj (
°C)
2.5
HA178L15
VIN = 23 V
VOUT = 15 V
IOUT = 40 mA
50
30
10
100
1 k
Frequency f (Hz)
0
10 k
100 k
10
20
40
60
70
HA178L05
VIN = 10 V
VOUT = 5 V
IOUT = 40 mA
Tj = 25
°C
Ripple Rejection Ratio vs. Frequency (1)
50
30
10
100
1 k
Frequency f (Hz)
0
10 k
100 k
10
20
40
60
70
HA178L15
VIN = 23 V
VOUT = 15 V
IOUT = 40 mA
Tj = 25
°C
Ripple Rejection Ratio vs. Frequency (2)


Similar Part No. - HA178L08A-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L08 HITACHI-HA178L08 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L08UA HITACHI-HA178L08UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com