Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST303S10PFK0 Datasheet(PDF) 2 Page - International Rectifier

Part # ST303S10PFK0
Description  INVERTER GRADE THYRISTORS Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303S10PFK0 Datasheet(HTML) 2 Page - International Rectifier

  ST303S10PFK0 Datasheet HTML 1Page - International Rectifier ST303S10PFK0 Datasheet HTML 2Page - International Rectifier ST303S10PFK0 Datasheet HTML 3Page - International Rectifier ST303S10PFK0 Datasheet HTML 4Page - International Rectifier ST303S10PFK0 Datasheet HTML 5Page - International Rectifier ST303S10PFK0 Datasheet HTML 6Page - International Rectifier ST303S10PFK0 Datasheet HTML 7Page - International Rectifier ST303S10PFK0 Datasheet HTML 8Page - International Rectifier ST303S10PFK0 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST303S Series
2
Bulletin I25173 rev. C 03/03
www.irf.com
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
VV
mA
04
400
500
08
800
900
12
1200
1300
ST303S
50
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
670
470
1050
940
5240
4300
400Hz
480
330
1021
710
1800
1270
1000Hz
230
140
760
470
730
430
A
2500Hz
35
-
150
-
90
-
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Case temperature
40
65
40
65
40
65
°C
Equivalent values for RC circuit
10
Ω / 0.47µF
10
Ω / 0.47µF
10
Ω / 0.47µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
300
A
180° conduction, half sine wave
@ Case temperature
65
°C
I
T(RMS)
Max. RMS on-state current
471
DC @ 45°C case temperature
I
TSM
Max. peak, one half cycle,
7950
t = 10ms
No voltage
non-repetitive surge current
8320
A
t = 8.3ms
reapplied
6690
t = 10ms
100% V
RRM
7000
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
316
t = 10ms
No voltage
Initial T
J
= T
J
max
288
t = 8.3ms
reapplied
224
t = 10ms
100% V
RRM
204
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3160
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST303S
Units
Conditions
On-state Conduction
KA2s


Similar Part No. - ST303S10PFK0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST303S12PFK0P VISHAY-ST303S12PFK0P Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
More results

Similar Description - ST303S10PFK0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com