Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST280S06P1V Datasheet(PDF) 4 Page - International Rectifier

Part # ST280S06P1V
Description  PHASE CONTROL THYRISTORS Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST280S06P1V Datasheet(HTML) 4 Page - International Rectifier

  ST280S06P1V Datasheet HTML 1Page - International Rectifier ST280S06P1V Datasheet HTML 2Page - International Rectifier ST280S06P1V Datasheet HTML 3Page - International Rectifier ST280S06P1V Datasheet HTML 4Page - International Rectifier ST280S06P1V Datasheet HTML 5Page - International Rectifier ST280S06P1V Datasheet HTML 6Page - International Rectifier ST280S06P1V Datasheet HTML 7Page - International Rectifier ST280S06P1V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST280S Series
4
www.irf.com
Bulletin I25161 rev. C 03/03
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
Ordering Information Table
Device Code
5
3
4
ST
28
0
S
06
P
0
V
7
6
8
1
2
180°
0.016
0.012
120°
0.019
0.020
90°
0.025
0.027
K/W
T
J
= T
J
max.
60°
0.036
0.037
30°
0.060
0.060
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 3/4"-16UNF-2A threads
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
8
-
V = Glass-metal seal
NOTE: For Metric Device M16 x 1.5 Contact Factory


Similar Part No. - ST280S06P1V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST280S06P0VPBF VISHAY-ST280S06P0VPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 280 A
Revision: 11-Aug-08
More results

Similar Description - ST280S06P1V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com