Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN668 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AN668 APPLICATION NOTE
10/19
attach and thin leadframes, the PowerSO-20/36 take
advantage of power package technology, with a mas-
sive copper slug and tin based alloy die soldering.
This results in minimum junction-to-case thermal re-
sistance Rth(j-c). Figure 10 shows how much Rth(j-c)
is affected by the die size, assuming that the power
source is uniformly distributed on the die.
For actual applications, Rth(j-c) ranges between 2°C/
W for small dice and 0.5°C/W for the maximum die
size of 60k sq mils. Therefore, the PowerSO-20/36
are equivalent to insertion power packages like TO-220
and Multiwatt; this is due to the optimization of the
slug dimensions, obtained by removal of any copper
in excess, without affecting the thermal cone where
the heat flows from the silicon to the substrate.
The PowerSO-20/36 offer a new possibility for a pow-
er package: direct soldering of the slug onto the
board during the surface mount process; therefore
junction to substrate thermal resistance is close to
Rth(j-c) and reaches the very attractive value of 0.5-
2.0°C/W.
Figure 10. Thermal resistance junction-case
vs. dissipating area of PowerSO-20/36
3.2 APPLICATIONS WITH 1-2 WATT DISSIPA-
TION
3.2.1 On board dissipating elements
In this power range, state of the art technology is
based on the medium power SO.
It has the same outline of a standard SO package but
with a modified leadframe in order to have a number
of leads connected to the die pad (bat wing struc-
ture).
This solution, shown in Figure 11, is effective in min-
imizing the Junction-to-Pin thermal resistance Rth(j-
p), i.e. the thermal path between the junction and
suitable dissipating areas obtained on the PCB and
connected to the heat transfer leads (Figure 12).
Figure 11. Lead frame for medium power SO
Figure 12. Foot print for medium power SO
Typical representatives of the medium power SO
package family are the 300 mils SO20 and SO28 with
8 heat transfer leads, reported as SO(12+4+4) and
SO(20+4+4) respectively.
Referring to STMicroelectronics guideline "Thermal
management in Surface Mount Technology" (July
1988), thermal performance of medium power
SO(12+4+4) is defined by the relationship:
Rth(j-a) = Rth(j-p) + Rth(sub-amb)
where Rth(j-p) is the thermal path from the junction to
the board and Rth(sub-amb) is the thermal resis-
tance of the two areas shown in Figure 12.
Rth(j-p) ranges between 12 and 14°C/W, depending
012345
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Rth
D94AN005
die thickness: 0.375mm
Pd=5W
side L
on die dissipating area
silicon
side L(mm)
D94AN006


Similar Part No. - AN668

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN668 SILABS-AN668 Datasheet
337Kb / 10P
   PRECISION32??SOFTWARE DEVELOPMENT KIT CODE
More results

Similar Description - AN668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
   STMicroelectronics has introduced a new package family
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
   A new high-temperature TRIAC family
logo
Microsemi Corporation
UPR60E3-TR7 MICROSEMI-UPR60E3-TR7 Datasheet
107Kb / 4P
   High Power Surface Mount Package
logo
Seme LAB
1N5804CSM4 SEME-LAB-1N5804CSM4 Datasheet
16Kb / 1P
   HIGH EFFICIENCY POWER RECTIFIER IN A CERAMIC SURFACE MOUNT PACKAGE
logo
STMicroelectronics
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
   NEW FAMILY OF 150V POWER SCHOTTKY
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
   The SPC560Bx and SPC560Cx is a new family
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
Power Integrations, Inc...
LYT4317E POWERINT-LYT4317E Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com