Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN458 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 4 Page - STMicroelectronics

  AN458 Datasheet HTML 1Page - STMicroelectronics AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AN458 APPLICATION NOTE
4/19
The system is working in a variable frequency mode, with a switching frequency that is depending on the current
delivered to the load. Bigger is the load current higher is the stored energy and longer is the time during which
the comparator will block the discharge of the timing capacitor Ct, decreasing the system operating frequency.
In fig.4 are shown the waveforms associated with this mode of operation.
CALCULATION OF THE INDUCTANCE VALUE, L
To calculate the inductance, that is a critical element in the circuit, we have to consider that:
s
The switching frequency increases reducing the load current Iout and increasing Vin.
s
The switching frequency decreases increasing the load Current Iout and decreasing Vin.
So to calculate the inductor value we have to
Figure 4. Self-oscillating Operation
specify the minimum operation frequency (higher than 20KHz to avoid audible noise), for the minimum input
voltage Vin at full load. The equation to calculate the maximum inductor value is:
where:
L
V
in min
()
V
ces at
V
o
() D
2I
out m ax
() fmin
⋅⋅
----------------------------------------------------------------------
D
V
o
V
F
+
V
in m in
()
V
ce sa
V
F
+
-------------------------------------------------------
=


Similar Part No. - AN458

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
AN4587 STMICROELECTRONICS-AN4587 Datasheet
6Mb / 14P
   Input bias current of a chopper amplifier
More results

Similar Description - AN458

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Taiwan Semiconductor Co...
TS19730CX6 TSC-TS19730CX6 Datasheet
209Kb / 7P
   Discontinuous Conduction Mode Control
logo
Fairchild Semiconductor
AN-9066 FAIRCHILD-AN-9066 Datasheet
438Kb / 8P
   Optimized Switch for Discontinuous Current Mode Power Factor Correction
logo
Intersil Corporation
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
   DC/DC Power Switching Regulator Voltage feedforward mode
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
List of Unclassifed Man...
STR-G5653 ETC2-STR-G5653 Datasheet
29Kb / 1P
   Power Switching Regulator
logo
New Japan Radio
NJM2362 NJRC-NJM2362 Datasheet
317Kb / 9P
   CURRET MODE FLYBACK PWM SWITCHING REGULATOR
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
LT1507 LINER-LT1507 Datasheet
343Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
   Discontinuous flyback transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com