Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST223S Datasheet(PDF) 7 Page - International Rectifier

Part # ST223S
Description  INVERTER GRADE THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST223S Datasheet(HTML) 7 Page - International Rectifier

Back Button ST223S Datasheet HTML 2Page - International Rectifier ST223S Datasheet HTML 3Page - International Rectifier ST223S Datasheet HTML 4Page - International Rectifier ST223S Datasheet HTML 5Page - International Rectifier ST223S Datasheet HTML 6Page - International Rectifier ST223S Datasheet HTML 7Page - International Rectifier ST223S Datasheet HTML 8Page - International Rectifier ST223S Datasheet HTML 9Page - International Rectifier ST223S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST223S Series
D-489
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST223S

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST223001 E-SWITCH-ST223001 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST223054 E-SWITCH-ST223054 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
International Rectifier
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST223C VISHAY-ST223C Datasheet
224Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
Revision: 14-May-08
ST223C08CHK0 VISHAY-ST223C08CHK0 Datasheet
224Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
Revision: 14-May-08
More results

Similar Description - ST223S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com