Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLP-3W-PGS Datasheet(PDF) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-3W-PGS
Description  High Power Led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-3W-PGS Datasheet(HTML) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-3W-PGS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-PGS Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Model. No.
Rev.
Page: 8/8
The influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the way.
This device should not be used in any type of fluid such as water, oil, organic solvent and etc
High-brightness LED light may injure human eyes. Avoid looking directly into lighted LED
The appearance and specifications of the product may be modified for improvement without notice.
3. Static Electricity
ESD shoe strap or an anti-electrostatic glove be used when handling the LEDs.
When washing is required, IPA (Isopropyl Alcohol) should be used.
All devices, equipment and machinery must be properly grounded
4. Others
is changed slightly an operating current and thermal.
Model No.
FYLP-3W-PGS
Time within 5
of actual peak
temperature=10 sec. max
Duration above 217
is 80 sec. max
Solder=Sn63-Pb37
Average ramp-up rate:4
/sec.max
Peak preheat temperature:100-150
Average ramp-up rate:4
/sec.max
Solder= Pb-Free
Peak preheat temperature:100-150
preheat time:100seconds.max
must be pre-qualified to avoid damage to the High-power LEDs.
ramp-down rate:6
/sec.max
Peak temperature:250
Time within 5
of actual peak temperature=10 sec.
max
preheat time:100seconds.max
ramp-down rate:6
/sec.max
Peak temperature:230
Reflow soldering should not be done more than one time
No stress should be exerted on the package during soldering.
(3) Recommend Soldering pad design(unit=mm)
FYLP-3W-PGB
A
Duration above 183
is 80 sec. max
Static Electricity and surge voltage damage the LEDs. So it is recommended that an ESD wrist band,
Reverse voltage should not exceed the absolute maximum rating on the data sheet. The colour of the LEDs
High-power LED should not be modified after soldering. If modification cannot be avoided, the modification
Http://www.foryard.com


Similar Part No. - FYLP-3W-PGS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-3W-PGS-A FORYARD-FYLP-3W-PGS-A Datasheet
392Kb / 7P
   High Power Led lamp
More results

Similar Description - FYLP-3W-PGS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com