Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1230C Datasheet(PDF) 3 Page - International Rectifier

Part # ST1230C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1230C Datasheet(HTML) 3 Page - International Rectifier

  ST1230C Datasheet HTML 1Page - International Rectifier ST1230C Datasheet HTML 2Page - International Rectifier ST1230C Datasheet HTML 3Page - International Rectifier ST1230C Datasheet HTML 4Page - International Rectifier ST1230C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ST1230C..K Series
23
D-3933333
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r
1µs
of turned-on current
T
J
= T
J
max, anode voltage
≤ 80% V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
I
TM
= 550A, T
J
= T
J
max, di/dt = 40A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p
= 500µs
Parameter
ST1230C..K
Units Conditions
Switching
1000
A/µs
t
d
Typical delay time
1.9
t
q
Typical turn-off time
200
µs
dv/dt
Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Blocking
500
V/µs
T
J
= T
J
max. linear to 80% rated V
DRM
Parameter
ST1230C..K
Units Conditions
100
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
16
T
J
= T
J
max, t
p
5ms
P
G(AV)
Maximum average gate power
3
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
T
J
= - 40°C
mA
T
J
=
25°C
T
J
= 125°C
T
J
= - 40°C
V
T
J
=
25°C
T
J
= 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST1230C..K
Units Conditions
20
5.0
Triggering
TYP.
MAX.
200
-
100
200
50
-
1.4
-
1.1
3.0
0.9
-
V
GD
DC gate voltage not to trigger
0.25
V
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
T
J
= T
J
max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
V
GT
DC gate voltage required
to trigger
I
GT
DC gate current required
to trigger
W
V
T
J
= T
J
max, t
p
5ms
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - ST1230C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1230C..K VISHAY-ST1230C..K Datasheet
139Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
ST1230C..KP VISHAY-ST1230C..KP Datasheet
139Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
ST1230C08K VISHAY-ST1230C08K Datasheet
215Kb / 9P
   Phase Control Thyristors
Revision: 16-Dec-13
ST1230C08K0LP VISHAY-ST1230C08K0LP Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
ST1230C08K0P VISHAY-ST1230C08K0P Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1745 A
Revision: 11-Aug-08
More results

Similar Description - ST1230C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST230C IRF-ST230C Datasheet
187Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com