Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLP-1W-UWWS-A Datasheet(PDF) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-1W-UWWS-A
Description  High Power Led lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-1W-UWWS-A Datasheet(HTML) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-1W-UWWS-A Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS-A Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Model. No.
Rev.
Precautions for use:
Page:
6/7
frequently during the baking process.
To prevent moisture absorption into High-power LEDs during the transportation and storage , the LEDs are packed
A
The epoxy resin of an High-power LED should not contact the tip of the soldering iron.
2. Soldering
No mechanical stress should be exerted on the resin portion of an High-power LED during soldering.
Temperature profile
Before opening the packaging , check for air leaks in the bag.
And soldering time no more than 2 seconds.
(1) Manual soldering with a soldering Iron
High-power LEDs must be used within 24 hours. If the LEDs are not within 24 hours after removal from the bag ,
After the bag is opened, the High-power LEDs must be stored at <30
and < 60% RH. Under these conditions,
in a moisture-barrier bag. Desiccants and a humidity indicator are packed together with the LEDs as
secondary protection
The shelf life of LEDs stored in the original sealed bag at <40
and < 90% RH is 12 months. Baking is
required if the shelf life has expired
baking is required Take the material out of the packaging bag before baking. Do not open the oven door
Handling of an High-power LED should be done only when the package has been cooled down to below 40
(2)Reflow soldering
1. Storage
Model No.
FYLP-1W-UWWS-A
FYLP-1W-UWWS-A
Use a soldering iron of less than 25 watts is recommended . The iron temperature must be kept below 315
Http://www.foryard.com
Peak temperature
Temperature
Pre-heat
Soak
Reflow
Cooling
Time
Melting-point


Similar Part No. - FYLP-1W-UWWS-A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UWWS FORYARD-FYLP-1W-UWWS Datasheet
411Kb / 8P
   High Power Led lamp
More results

Similar Description - FYLP-1W-UWWS-A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com