Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLP-1W-UWWS Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-1W-UWWS
Description  High Power Led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-1W-UWWS Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-1W-UWWS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UWWS Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
Min.
Typ.
2.8
---
---
(0.45,0.41)
3000
---
77
---
120
Page: 3/8
Http://www.foryard.com
1000
Forward Current(DC)
mA
350
Mw
V
V
uA
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
*Pulse width
1msec duty
1/10
Unit
A
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
Absolute maximum Rating
Model No.
FYLP-1W-UWWS
FYLP-1W-UWWS
---
4000
Unit
Condition
IF = 350mA
3.6
Power Dissipation
Operation Temperature
Topr
Symbol
IF
500
IFP
Peak Forward Current*
Items
PD
Hand Soldering:250
/10sec
-40
º
C+85
º
C
-40ºC+100ºC
5
mA
Reverse Voltage
Soldering Temperature
VR
Tsol
Storage Temperature
Symbol
VF
Items
Forward Voltage
5
Max
IF = 350mA
Reverse Current
Chromatic Coordinates
50% Power Angle
2θ½
Color Temperature
Deg
---
K
LM
IF = 350mA
IR
(X,Y)
CCT
VR = 5V
IF = 350mA
---
IF = 350mA
Luminous Flux
Item
Reflector
Wire
Encapsulate
---
Material
ΦV
Chip
Material
PPA
Gold
Silicone
InGaN
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.


Similar Part No. - FYLP-1W-UWWS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UWWS-A FORYARD-FYLP-1W-UWWS-A Datasheet
392Kb / 7P
   High Power Led lamp
More results

Similar Description - FYLP-1W-UWWS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com