Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD603C12S15C Datasheet(PDF) 7 Page - International Rectifier

Part # SD603C12S15C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C12S15C Datasheet(HTML) 7 Page - International Rectifier

  SD603C12S15C Datasheet HTML 1Page - International Rectifier SD603C12S15C Datasheet HTML 2Page - International Rectifier SD603C12S15C Datasheet HTML 3Page - International Rectifier SD603C12S15C Datasheet HTML 4Page - International Rectifier SD603C12S15C Datasheet HTML 5Page - International Rectifier SD603C12S15C Datasheet HTML 6Page - International Rectifier SD603C12S15C Datasheet HTML 7Page - International Rectifier SD603C12S15C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD603C..C Series
7
Bulletin I2068 rev. C 04/00
www.irf.com
Fig. 15 - Recovery Time Characteristics
Fig. 17 - Recovery Current Characteristics
Fig. 16 - Recovery Charge Characteristics
40
60
80
100
120
140
160
180
200
1 0 20 3 0 40 50 60 7 0 80 90 100
R a te O f Fall O f Fo rw ard C urre nt - di/d t (A /µs)
I
= 1 00 0 A
Sq ua re Puls e
FM
50 0 A
250 A
SD 60 3C . .S 15C Se rie s
T = 12 5 ° C ; V
= 30V
r
J
40
60
80
100
120
140
160
180
200
10 20 30 40 50 60 70 80 90 100
Ra te O f Fall O f Forwa rd C urre nt - di/d t (A/µs)
I
= 1 000 A
Sq u a re Puls e
500 A
250 A
FM
S D 603C .. S2 0C Se rie s
T = 125 °C ; V
= 30V
r
J
2
2. 5
3
3. 5
4
4. 5
10
100
Ra te O f Fa ll O f Forw ard C urre nt - di/d t (A /µs)
I
= 1000 A
Sq ua re Pulse
50 0 A
250 A
FM
S D 603C . .S 20C Se rie s
T = 125 °C ; V
= 30V
r
J
2
2.5
3
3.5
4
10
100
Ra te O f Fa ll O f F o rw a rd Cu rre nt - d i/d t (A /µs )
I
= 1 00 0 A
Sq ua re Pu ls e
FM
500 A
250 A
SD6 03C ..S15C Series
T = 1 25 °C ; V
= 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10 20 30 40 5 0 60 70 80 9 0 10 0
R a te O f Fall O f Fo rward Curre nt - di/d t (A /µs)
I
= 1 000 A
Sq ua re Pulse
FM
500 A
250 A
SD6 03C ..S2 0C Series
T = 1 25 °C ; V
= 30V
r
J
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
10 20 30 40 5 0 60 70 80 90 100
Ra te O f Fa ll O f Fo rw a rd Current - d i/d t (A /µs )
I
= 1 00 0 A
Sq u a re Pu lse
FM
500 A
250 A
SD 603C . .S 15C Se ries
T = 125 °C ; V
= 30V
r
J
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1 E 3
1 E 4
1
2
0.1
Pu lse Ba se w id t h ( µ s)
4
d v/ d t = 1000V/ µ s
Sin uso id al Pul se
2 0 jo ule s pe r puls e
10
0.4
0.2
0. 04
0.02
0.0 1
SD 603C..S10 C Se ries
T = 125 °C, V
= 11 20 V
J
RR M
tp
1E 4 1 E1
1 E 2
1 E3
1 E 4
1
2
0. 1
P ulse Ba se w id t h ( µs)
4
20 jo ule s p er p uls e
10
0. 4
0.2
Trap ezo ida l Pul se
d v/ dt = 1000V/ µ s; di/ dt =5 0A / µs
SD 603C..S10C Se rie s
T = 125 °C , V
= 1120V
J
RRM
tp
1E 1
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics


Similar Part No. - SD603C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD603C12S15C VISHAY-SD603C12S15C Datasheet
429Kb / 10P
   SD603C04S10C
Revision: 04-Aug-08
SD603C12S15C VISHAY-SD603C12S15C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results

Similar Description - SD603C12S15C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com