Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD800C Datasheet(PDF) 3 Page - International Rectifier

Part # SD800C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD800C Datasheet(HTML) 3 Page - International Rectifier

  SD800C Datasheet HTML 1Page - International Rectifier SD800C Datasheet HTML 2Page - International Rectifier SD800C Datasheet HTML 3Page - International Rectifier SD800C Datasheet HTML 4Page - International Rectifier SD800C Datasheet HTML 5Page - International Rectifier SD800C Datasheet HTML 6Page - International Rectifier SD800C Datasheet HTML 7Page - International Rectifier SD800C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD800C..L Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
24
2400
2500
30
3000
3100
SD800C..L
36
3600
3700
50
40
4000
4100
45
4500
4600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
1180(550) 1065(490)
A
180° conduction, half sine wave
@ Heatsink temperature
55(85)
55(85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
2280
2040
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
13600
12200
t = 10ms
No voltage
non-repetitive surge current
14240
12800
t = 8.3ms
reapplied
11440
10250
t = 10ms
50% V
RRM
11980
10750
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
925
745
t = 10ms
No voltage
Initial T
J
= T
J
max.
845
680
t = 8.3ms
reapplied
654
526
t = 10ms
50% V
RRM
597
480
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
9250
7450
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.66
1.95
V
I
pk
= 2000A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
V
m
0.34
0.41
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.38
0.44
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.10
1.18
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.90
1.06
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Forward Conduction
Parameter
Units
Conditions
SD800C..L
24 to 36
40 to 45
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD800C

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD800C TEL-SD800C Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD800C24L VISHAY-SD800C24L Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
SD800C24L VISHAY-SD800C24L Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
SD800C24L VISHAY-SD800C24L_12 Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
logo
TRANSYS Electronics Lim...
SD800C30L TEL-SD800C30L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
More results

Similar Description - SD800C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com