Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD6000C Datasheet(PDF) 5 Page - International Rectifier

Part No. SD6000C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD6000C Datasheet(HTML) 5 Page - International Rectifier

  SD6000C Datasheet HTML 1Page - International Rectifier SD6000C Datasheet HTML 2Page - International Rectifier SD6000C Datasheet HTML 3Page - International Rectifier SD6000C Datasheet HTML 4Page - International Rectifier SD6000C Datasheet HTML 5Page - International Rectifier SD6000C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SD6000C..R Series
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: code x 100 = V
RRM
(see Voltage Ratings Table)
6
-
R = Puk Case B-44 (R-PUK)
1
2
3
4
5
6
Device Code
SD 600
0
C
24
R
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.0009
0.0010
0.0006
0.0006
120°
0.0010
0.0011
0.0010
0.0010
90°
0.0013
0.0013
0.0014
0.0014
K/W
T
J
= T
J
max.
60°
0.0019
0.0019
0.0020
0.0020
30°
0.0033
0.0033
0.0034
0.0034
T
J
Max. junction operating temperature range
-40 to 175
T
stg
Max. storage temperature range
-55 to 200
R
thJ-hs
Max. thermal resistance, junction
0.02
DC operation single side cooled
to heatsink
0.01
DC operation double side cooled
F
Mounting force, ± 10%
39200
N
(4000)
(Kg)
wt
Approximate weight
1590
g
Case style
B-44 (R-PUK)
See Outline Table
Parameter
SD6000C..R
Units
Conditions
Thermal and Mechanical Specifications
K/W
°C
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SD2500C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD700C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD3000C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD800C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD300C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD1100C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD1100C1111 STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD1500C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD4000C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier
SD400C STANDARD RECOVERY DIODES Hockey Puk Version 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn