Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-007237-ETC410 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007237-ETC410
Description  E-Series RF 1:4 Coupled Step-Up Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007237-ETC410 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-007237-ETC410_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007237-ETC410_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-007237-ETC410_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-007237-ETC410_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
E-Series RF 1:4 Coupled Step-Up Transformer
1MHz - 350 MHz
Rev. V1
MABA-007237-ETC410
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface mount
Wide frequency range
1:4 Impedance Ratio
CT on Secondary
Lead Free
RoHS* Compliant and is 260
0C reflow compatible.
Available on Tape and Reel, reel quantity 2000
Pin No.
Function
1
Secondary
2
Secondary CT
3
Secondary Dot
4
Primary Dot
5
Primary
Pin Configuration
Schematic
Electrical Specifications: Z0 = 50 , TA = 25°C, Pin = 0dBm
Primary 5
Primary Dot 4
4 turns
3 Secondary Dot
4 turns
1 Secondary
2 Secondary CT
4 turns
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
1 - 350
MHz
Insertion Loss
FL—fU
5 - 100
2 - 300
1 - 350
dB
dB
dB
1.21
1.0
2.0
3.0
Amplitude Unbalance
5 - 100
1 - 350
dB
dB
0.1
0.5
Phase Unbalance
5 - 100
1 - 350
Degrees
Degrees
1.0
5.0


Similar Part No. - MABA-007237-ETC410_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007237-ETC410-V1 MA-COM-MABA-007237-ETC410-V1 Datasheet
184Kb / 4P
   E-Series RF 1:4 Coupled Step-Up Transformer
More results

Similar Description - MABA-007237-ETC410_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007237-ETC410-V1 MA-COM-MABA-007237-ETC410-V1 Datasheet
184Kb / 4P
   E-Series RF 1:4 Coupled Step-Up Transformer
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1-2TR MA-COM-ETC4-1-2TR Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1-2 MA-COM-DS-ETC4-1-2 Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
M/A-COM Technology Solu...
DS-ETC4-1 MA-COM-DS-ETC4-1 Datasheet
340Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up
ETC4-1 MA-COM-ETC4-1_1 Datasheet
340Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com