Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD303C Datasheet(PDF) 2 Page - International Rectifier

Part # SD303C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD303C Datasheet(HTML) 2 Page - International Rectifier

  SD303C Datasheet HTML 1Page - International Rectifier SD303C Datasheet HTML 2Page - International Rectifier SD303C Datasheet HTML 3Page - International Rectifier SD303C Datasheet HTML 4Page - International Rectifier SD303C Datasheet HTML 5Page - International Rectifier SD303C Datasheet HTML 6Page - International Rectifier SD303C Datasheet HTML 7Page - International Rectifier SD303C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD303C..C Series
2222222222222
12
D-656
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 125°C
Recovery Characteristics
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25oC
S10
1.0
2.4
52
33
S15
1.5
750
25
-30
2.9
90
44
S20
2.0
3.2
107
46
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
V
V
mA
04
400
500
SD303C..S10C
08
800
900
10
1000
1100
12
1200
1300
SD303C..S15C
14
1400
1500
16
1600
1700
20
2000
2100
25
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD303C..S20C
Parameter
SD303C..C
Units
Conditions
I
F(AV)
Max. average forward current
350(175)
A
180° conduction, half sine wave.
@ Heatsink temperature
55(75)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS current
550
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle
5770
t = 10ms
No voltage
non-repetitive forward current
6040
t = 8.3ms
reapplied
4850
t = 10ms
100% V
RRM
5080
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
166
t = 10ms
No voltage
Initial T
J
= T
J
max.
152
t = 8.3ms
reapplied
117
t = 10ms
100% V
RRM
107
t = 8.3ms
reapplied
I
2√t
Maximum I2
√t for fusing
1660
KA
2√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
1.14
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)2
High level of threshold voltage
1.63
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
1.14
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
r
f2
High level of forward slope resistance
0.77
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
2.26
V
I
pk
= 1100A, T
J
= 25°C, t
p
= 10ms sinusoidal wave
Forward Conduction
KA
2s
A
m
V
35
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD303C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C_12 Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S15C VISHAY-SD303C04S15C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S20C VISHAY-SD303C04S20C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com