Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300N Datasheet(PDF) 5 Page - International Rectifier

Part No. SD300N
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300N Datasheet(HTML) 5 Page - International Rectifier

  SD300N Datasheet HTML 1Page - International Rectifier SD300N Datasheet HTML 2Page - International Rectifier SD300N Datasheet HTML 3Page - International Rectifier SD300N Datasheet HTML 4Page - International Rectifier SD300N Datasheet HTML 5Page - International Rectifier SD300N Datasheet HTML 6Page - International Rectifier SD300N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD300N/R Series
5
www.irf.com
Bulletin I2081 rev. C 03/03
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
80
90
100
110
120
130
140
150
0
100
200
300
400
500
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
SD300N/ RSeries (2500V to 3200V)
R
(DC) = 0.11 K/ W
thJC
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (2500V to 3200V)
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.4
K/ W
0.2
K/ W
0.1
K/W
0.6 K/W
0.8 K/ W
2 K/ W
0
100
200
300
400
500
600
700
0
50
100 150 200 250 300 350 400
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J
Fig. 6 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
3
K/
W
- D
elt
a
R
0.0
6
K/ W
0.4 K
/ W
0.2
K/W
0.1
K/W
0.6 K/
W
0.8 K/W
2 K/ W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
300HF STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD600N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
301U STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
70300U STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD150N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD400N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD500N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
130HF STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn