Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300N Datasheet(PDF) 4 Page - International Rectifier

Part No. SD300N
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300N Datasheet(HTML) 4 Page - International Rectifier

  SD300N Datasheet HTML 1Page - International Rectifier SD300N Datasheet HTML 2Page - International Rectifier SD300N Datasheet HTML 3Page - International Rectifier SD300N Datasheet HTML 4Page - International Rectifier SD300N Datasheet HTML 5Page - International Rectifier SD300N Datasheet HTML 6Page - International Rectifier SD300N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD300N/R Series
4
www.irf.com
Bulletin I2081 rev. C 03/03
Outline Table
Conform to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
CERAMIC HOUSING
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 27.5 (1.08) MAX.
SW 32
3/4"-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
140
150
160
170
180
0
50
100 150 200 250 300 350 400
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (1600V to 2000V)
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
700
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Cond uc tion Period
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (1600V to 2000V)
* FOR METRIC DEVICE: M16 X 1.5
CONTACT FACTORY


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
300HF STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD600N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
301U STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
70300U STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD150N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD400N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
SD500N STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier
130HF STANDARD RECOVERY DIODES Stud Version 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn