Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300C Datasheet(PDF) 2 Page - International Rectifier

Part No. SD300C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300C Datasheet(HTML) 2 Page - International Rectifier

  SD300C Datasheet HTML 1Page - International Rectifier SD300C Datasheet HTML 2Page - International Rectifier SD300C Datasheet HTML 3Page - International Rectifier SD300C Datasheet HTML 4Page - International Rectifier SD300C Datasheet HTML 5Page - International Rectifier SD300C Datasheet HTML 6Page - International Rectifier SD300C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD300C..C Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
28
2800
2900
32
3200
3300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD300C..C
15
Parameter
Units
Conditions
I
F(AV)
Max. average forward current
650(380) 540(250)
A
180° conduction, half sine wave
@ Heatsink temperature
55(65)
55(85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
1150
995
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
6050
6050
t = 10ms
No voltage
non-repetitive surge current
6335
6335
t = 8.3ms
reapplied
5090
5090
t = 10ms
100% V
RRM
5330
5330
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
183
183
t = 10ms
No voltage
Initial T
J
= T
J
max.
167
167
t = 8.3ms
reapplied
129
129
t = 10ms
100% V
RRM
118
118
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1830
1830
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
2.08
2.08
V
I
pk
= 1500A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
SD300C..C
04 to 20 25 to 32
V
m
0.72
0.72
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.75
0.75
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.00
1.00
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.95
0.95
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Forward Conduction
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD300C

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SD300C04C VISHAY-SD300C04C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C04C VISHAY-SD300C04C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C04C VISHAY-SD300C04C_12 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C08C VISHAY-SD300C08C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C08C VISHAY-SD300C08C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
More results

Similar Description - SD300C

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz