Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300C Datasheet(PDF) 1 Page - International Rectifier

Part No. SD300C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

SD300C Datasheet(HTML) 1 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD300C..C SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
650A
Bulletin I2083/B
Features
Wide current range
High voltage ratings up to 3200V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AA
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
SD300C..C
04 to 20
25 to 32
I
F(AV)
650
540
A
@ T
hs
55
55
°C
I
F(RMS)
1150
995
A
@ T
hs
25
25
°C
I
FSM
@ 50Hz
6050
6050
A
@ 60Hz
6335
6335
A
I
2t
@ 50Hz
183
183
KA
2s
@ 60Hz
167
167
KA
2s
V
RRM
range
400 to 2000
2500 to 3200
V
T
J
- 40 to 180
- 40 to 150
°C
Major Ratings and Characteristics
case style DO-200AA
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SD2500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD3000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD800CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100C1111STANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD4000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD400CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn