Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD300C Datasheet(PDF) 6 Page - International Rectifier

Part No. SD300C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300C Datasheet(HTML) 6 Page - International Rectifier

  SD300C Datasheet HTML 1Page - International Rectifier SD300C Datasheet HTML 2Page - International Rectifier SD300C Datasheet HTML 3Page - International Rectifier SD300C Datasheet HTML 4Page - International Rectifier SD300C Datasheet HTML 5Page - International Rectifier SD300C Datasheet HTML 6Page - International Rectifier SD300C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD300C..C Series
T
J
Max. junction operating temperature range
-40 to 180
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
-55 to 200
R
thJ-hs
Max. thermal resistance, junction
0.163
DC operation single side cooled
to heatsink
0.073
DC operation double side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
70
g
Case style
DO-200AA
See Outline Table
°C
K/W
SD300C..C
04 to 20
25 to 32
Thermal and Mechanical Specifications
Parameter
Units
Conditions
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
C = Puk Case DO-200AA
1
2
3
4
5
6
Device Code
SD
30
0
C
32
C
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.017
0.017
0.011
0.012
120°
0.020
0.020
0.020
0.020
90°
0.025
0.025
0.027
0.027
60°
0.036
0.036
0.038
0.038
30°
0.064
0.062
0.065
0.062
K/W
T
J
= T
J
max.
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD300C

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SD300C04C VISHAY-SD300C04C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C04C VISHAY-SD300C04C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C04C VISHAY-SD300C04C_12 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C08C VISHAY-SD300C08C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
SD300C08C VISHAY-SD300C08C Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
More results

Similar Description - SD300C

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz