Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSR53 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HSR53
Description  High purity and low total harmonic distortion. Ideal for audio modulation applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HSR53 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HSR53 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Dimensions ( Unit : mm )
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm ± 50 ppm ± 100 ppm
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Industrial ( -40°C to +85°C )
DE
F
" I20 " ± 20 ppm over -40°C to +85°C
Storage Temperature
- 50°C to 100°C
Aging
± 5 ppm per year (max.)
Harmonics
< - 25dBc ( frequency dependent )
Current Consumption
1.5 mA max.
Start - Up Time (Ts)
2.0 m Sec.( typ.)
True Sine wave output
10 KΩ // 10 pF load
Output Load
1.0 V p-p ( typical )
Output Wave Form
Output Level
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
Frequency Range
10.0 MHz ~ 52.0 MHz
High purity and low total harmonic distortion. Ideal for audio modulation applications .
General Specifications
5.0 x 3.2 x 1.2 mm
SMD True Sine wave output
Oscillators Series
HSR53 series
3.3 V
Applications


Similar Part No. - HSR53

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HSR53 EUROQUARTZ-HSR53 Datasheet
110Kb / 1P
   5 x 3.2mm SMD Sine Wave Clock Oscillator
More results

Similar Description - HSR53

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
logo
SHANGHAI BELLING CO., L...
BL4684C BELLING-BL4684C Datasheet
166Kb / 7P
   Low Total Harmonic Distortion
logo
Mixed Signal Integratio...
MSTHDA MSI-MSTHDA Datasheet
120Kb / 8P
   Total Harmonic Distortion Analyzer
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
AVX Corporation
0201YJ4R7PAWTR AVX-0201YJ4R7PAWTR Datasheet
217Kb / 19P
   High purity of electrodes for very low and repeatable
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com