Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS14 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part No. HS14
Description  High purity and low total harmonic distortion. Ideal for audio modulation applications .
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERCURY [Mercury United Electronics Inc]
Homepage  http://www.mercuryunited.com
Logo 

HS14 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
" I20 " ± 20 ppm over -40°C to +85°C
Outline Dimensions ( Unit : mm )
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Frequency Stability
(1) Codes
Industrial ( -40°C to +85°C )
DE
F
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Frequency Stability over
± 25 ppm ± 50 ppm ± 100 ppm
Start - Up Time (Ts)
6.0 m Sec.( typ.)
Storage Temperature
- 50°C to 100°C
Aging
± 5 ppm per year (max.)
Harmonics
< - 30dBc (frequency dependent)
Current Consumption
10.0 MHz
100.0 KHz
150.0 MHz
9 mA max.
18 mA max.
20 mA max.
Output Level
Standard : +5.0 dBm ( min. ) Tolerance : ± 1.0 dBm
Maximum Power : +7 dBm ( user specify )
Output Load
50Ω. ( Internally AC coupled )
Input Voltage ( VDD)
5.0 V ± 5 %
Frequency Range
10.0 MHz ~ 800.0 MHz
Output Wave Form
True Sine wave output
Applications
High purity and low total harmonic distortion. Ideal for audio modulation applications .
General Specifications
Paramenters
Electrical Spec.
Dip type True Sine wave output
20.2 x 12.8 x 6.0 mm
Oscillators Series
HS14 series 3.3 V


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn