Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD263C Datasheet(PDF) 8 Page - International Rectifier

Part # SD263C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD263C Datasheet(HTML) 8 Page - International Rectifier

  SD263C Datasheet HTML 1Page - International Rectifier SD263C Datasheet HTML 2Page - International Rectifier SD263C Datasheet HTML 3Page - International Rectifier SD263C Datasheet HTML 4Page - International Rectifier SD263C Datasheet HTML 5Page - International Rectifier SD263C Datasheet HTML 6Page - International Rectifier SD263C Datasheet HTML 7Page - International Rectifier SD263C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SD263C..S50L Series
D-674
Outline Table
Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
BOTH ENDS
0.8 (0.03)
TWO PLACES
3.5(0.14) DIA. NOM. x
1.8(0.07) DEEP MIN.
34 (1.34) DIA. MAX.
BOTH ENDS
53 (2.09) DIA. MAX.
Conforms to JEDEC DO-200AB (B-PUK)
All dimensions in millimeters (inches)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD263C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
SD263C30S50L VISHAY-SD263C30S50L Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
SD263C30S50L VISHAY-SD263C30S50L_12 Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
SD263C36S50L VISHAY-SD263C36S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
SD263C36S50L VISHAY-SD263C36S50L Datasheet
217Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Similar Description - SD263C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com