Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD2500C Datasheet(PDF) 3 Page - International Rectifier

Part No. SD2500C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

SD2500C Datasheet(HTML) 3 Page - International Rectifier

  SD2500C Datasheet HTML 1Page - International Rectifier SD2500C Datasheet HTML 2Page - International Rectifier SD2500C Datasheet HTML 3Page - International Rectifier SD2500C Datasheet HTML 4Page - International Rectifier SD2500C Datasheet HTML 5Page - International Rectifier SD2500C Datasheet HTML 6Page - International Rectifier SD2500C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SD2500C..K Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 180°C
V
V
mA
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
3000 (1550)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
5000
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
31000
t = 10ms
No voltage
non-repetitive surge current
32460
t = 8.3ms
reapplied
26050
t = 10ms
100% V
RRM
27300
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
4810
t = 10ms
No voltage
Initial T
J
= T
J
max.
4390
t = 8.3ms
reapplied
3400
t = 10ms
100% V
RRM
3100
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
48100
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.41
V
I
pk
= 4000A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
0.76
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Parameter
SD2500C..K
Units
Conditions
Forward Conduction
V
m
0.16
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.97
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.13
(I >
π x I
F(AV)
),T
J
= T
J
max.
SD2500C..K
75
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SD700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD3000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD300CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD800CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100C1111STANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD4000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD400CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn