Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SD233N Datasheet(PDF) 2 Page - International Rectifier

Part No. SD233N
Description  FAST RECOVERY DIODES Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

SD233N Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
235A
FAST RECOVERY DIODES
Stud Version
SD233N/R SERIES
Bulletin I2094/A
Features
High power FAST recovery diode series
4.5 µs recovery time
High voltage ratings up to 4500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version case style B-8
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
235
A
@ T
C
60
°C
I
F(RMS)
370
A
I
FSM
@ 50Hz
5500
A
@ 60Hz
5760
A
I
2t
@ 50Hz
151
KA
2s
@ 60Hz
138
KA
2s
V
RRM
range
3000 to 4500
V
t
rr
4.5
µs
@ T
J
125
°C
T
J
-40 to 125
°C
Parameters
SD233N/R
Units
Major Ratings and Characteristics
case style
B-8
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SD253NFAST RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD103NFAST RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD153NFAST RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD453NFAST RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD203NFAST RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
300HFSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD603CFAST RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn