Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD1100C1111 Datasheet(PDF) 6 Page - International Rectifier

Part No. SD1100C1111
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

SD1100C1111 Datasheet(HTML) 6 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD1100C..C Series
Parameter
Units
Conditions
T
J
Max. junction operating temperature range
-40 to 180
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
-55 to 200
R
thJ-hs
Max. thermal resistance, junction
0.076
DC operation single side cooled
to heatsink
0.038
DC operation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
83
g
Case style
B - 43
See Outline Table
°C
K/W
SD1100C..C
04 to 20
25 to 32
Thermal and Mechanical Specifications
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
C = Puk Case B - 43
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
1
2
3
4
5
6
Device Code
SD 110
0
C
32
C
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.007
0.007
0.005
0.005
120°
0.008
0.008
0.008
0.008
90°
0.010
0.010
0.011
0.011
60°
0.015
0.015
0.016
0.016
30°
0.026
0.026
0.026
0.026
K/W
T
J
= T
J
max.
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SD2500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD3000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD300CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD800CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD4000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD400CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn