Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD1100C1111 Datasheet(PDF) 2 Page - International Rectifier

Part No. SD1100C1111
Description  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

SD1100C1111 Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD1100C..C Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
30
3000
3100
32
3200
3300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD1100C..C
15
Forward Conduction
Parameter
Units
Conditions
I
F(AV)
Max. average forward current
1400(795) 1100(550)
A
180° conduction, half sine wave
@ Heatsink temperature
55(85)
55(85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
2500
2000
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
13000
10500
t = 10ms
No voltage
non-repetitive surge current
13600
11000
t = 8.3ms
reapplied
10930
8830
t = 10ms
100% V
RRM
11450
9250
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
846
551
t = 10ms
No voltage
Initial T
J
= T
J
max.
772
503
t = 8.3ms
reapplied
598
390
t = 10ms
100% V
RRM
546
356
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
8460
5510
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.31
1.44
V
I
pk
= 1500A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
SD1100C..C
04 to 20 25 to 32
V
m
0.26
0.38
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.35
0.40
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.94
0.88
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.78
0.84
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SD2500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD3000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD300CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD800CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1100CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1500CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD4000CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD400CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
SD1700CSTANDARD RECOVERY DIODES Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn