Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHN7150 Datasheet(PDF) 9 Page - International Rectifier

Part # RHN7150
Description  TRANSISTOR N-CHANNEL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RHN7150 Datasheet(HTML) 9 Page - International Rectifier

Back Button RHN7150 Datasheet HTML 5Page - International Rectifier RHN7150 Datasheet HTML 6Page - International Rectifier RHN7150 Datasheet HTML 7Page - International Rectifier RHN7150 Datasheet HTML 8Page - International Rectifier RHN7150 Datasheet HTML 9Page - International Rectifier RHN7150 Datasheet HTML 10Page - International Rectifier RHN7150 Datasheet HTML 11Page - International Rectifier RHN7150 Datasheet HTML 12Page - International Rectifier RHN7150 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Pre-Radiation
IRHN7150, IRHN8150 Devices
Figure 25. – Maximum Safe Operating Area
Figure 22. – Typical Capacitance Vs. Drain-to-Source
Voltage.
Figure 23. – Typical Gate Charge Vs. Gate-to-Source
Voltage.
Figure 24. – Typical Source-Drain Diode Forward Voltage
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
J
C
o
o
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
ID = 34A
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Description - RHN7150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA7260 IRF-IRHNA7260 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
   N-channel transistor
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
   TRANSISTOR N-CHANNEL
IRHNA7160 IRF-IRHNA7160 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
   N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
   N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com