Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD8875 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD8875
Description  (54005400) PIXELS 횞 3 COLOR (54005400) PIXELS B&W CCD LINEAR IMAGE SENSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8875 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD8875_15 Datasheet HTML 1Page - Renesas Technology Corp PD8875_15 Datasheet HTML 2Page - Renesas Technology Corp PD8875_15 Datasheet HTML 3Page - Renesas Technology Corp PD8875_15 Datasheet HTML 4Page - Renesas Technology Corp PD8875_15 Datasheet HTML 5Page - Renesas Technology Corp PD8875_15 Datasheet HTML 6Page - Renesas Technology Corp PD8875_15 Datasheet HTML 7Page - Renesas Technology Corp PD8875_15 Datasheet HTML 8Page - Renesas Technology Corp PD8875_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MOS INTEGRATED CIRCUIT
μPD8875
(5400+5400) PIXELS
× 3 COLOR + (5400+5400) PIXELS B&W
CCD LINEAR IMAGE SENSOR
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. S18949EJ1V0DS00 (1st edition)
Date Published September 2007 NS
Printed in Japan
2007
DESCRIPTION
The
μ PD8875CY-A is a color CCD (Charge Coupled Device) linear image sensor that changes optical images to
electrical signal. It has 3 rows of (5400 + 5400) staggered color pixels and (5400 + 5400) staggered pixels of black and
white , and each row has dual-sided readout type of charge transfer register. And it has reset feed-through level clamp
circuits and voltage amplifiers. Therefore, it is suitable for 1200 dpi / A4 color image scanners.
FEATURES
• Valid photocell
: (5400 + 5400) staggered pixels of RGB + (5400 + 5400) staggered pixels of B&W
• Photocell’s size
: 5.25
× 5.75
μ m (RGB), 5.25 × 3.2 μ m (B&W)
• Line spacing
: 63
μ m (12 lines) Red line - Green line, Green line - Blue line
63
μ m (12 lines) Blue odd line - B&W even line
• Color filter
: High transmittance new color filter
Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution
: 48 dot/mm A4 (210
× 297 mm) size (shorter side) for color and B&W
1200 dpi US letter (8.5”
× 11”) size (shorter side) for color and B&W
• Drive clock level
: CMOS output under 5 V operation
• Data rate
: 20 MHz Max (RGB), 40 MHz Max (B&W at 600 dpi mode)
• Power supply
: + 12 V
• On-chip circuits
: Reset feed-through level clamp circuits
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
μ PD8875CY-A
CCD linear image sensor 22 pin plastic DIP (10.16 mm (400))
Remark
The
μ PD8875CY-A is a lead-free product.


Similar Part No. - PD8875_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8827B RENESAS-PD8827B_15 Datasheet
387Kb / 26P
   7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8862 RENESAS-PD8862_15 Datasheet
327Kb / 26P
   (2700 2700) PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
More results

Similar Description - PD8875_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8872 NEC-UPD8872 Datasheet
190Kb / 24P
   (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
   5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8873 NEC-UPD8873 Datasheet
257Kb / 32P
   (5400 짰5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Johanson Technology Inc...
5400BL15B050 JOHANSON-5400BL15B050 Datasheet
71Kb / 2P
   5400 MHz Balun
logo
NEC
UPD8870 NEC-UPD8870 Datasheet
189Kb / 24P
   10680 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15418EJ3V0DS00 RENESAS-S15418EJ3V0DS00_15 Datasheet
324Kb / 26P
   7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8821 NEC-UPD8821 Datasheet
292Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com