Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70F3461 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD70F3461
Description  V850E/CAG4-M 32-Bit Single-Chip Microcontroller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3461 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD70F3461_15 Datasheet HTML 1Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 2Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 3Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 4Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 5Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 6Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 7Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 8Page - Renesas Technology Corp PD70F3461_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
3
Datasheet U18578EE1V0DS00
µPD70F3461
PIN IDENTIFICATION
A00-A19
External memory interface address bus
REGC30-REGC32
3V Regulator Output
ADTRG0
ADC trigger input
REGC50
5V Isolated Area Regulator output
ANI00-ANI09
ADC input
REGON
Isolated Area Power Save Mode Control
AVDD
ADC power supply
RESET
Isolated Area RESET input
AVREF
ADC reference voltage
RXDD0-RXDD5
UARTD0-UARTD5 receive data
AVSS
Analog ground
SCKB0-SCKB1
Serial Interface CSIB0-CSIB1 clock line
BVDD30-BVDD32 3V I/O port supply voltage
SCKE0-SCKE1
Serial Interface CSIE0-CSIE1 clock line
BVSS30-BVSS32
3V I/O port ground
SCSCE00-SCSCE07
CSIE0 chip select
BVSS50
5V Isolated Area Ground
SCSCE10-SCSCE13
CSIE1 chip select
CS0-CS3
Ext. memory interface chip select signals
SIB0-SIB1
CSIB0-CSIB1 data input
D00-D15
External memory interface data bus
SIE0-SIE1
CSIE0-CSIE1 data input
DCK
N-Wire interface clock
SOB0-SOB1
CSIB0-CSIB1 data output
DDI
N-Wire I/F debug data input
SOE0-SOE1
CSIE0-CSIE1 data output
DDO
N-Wire interface debug data output
SSB1
CSIB1 slave select input
DMS
N-Wire I/F debug mode select input
TEVTAA0-TEVTAA3
Timer TAA0-TAA3 event input
DRST
N-Wire debug interface reset
TEVTAB0-TEVTAB1
Timer TAB0-TAB1 event input
ERROR
MediaLB external ERROR status input
TIAA00-TIAA30
Timer TAA00-TAA30 capture trigger
FCRX0-FCRX6
CAN0-CAN6 Receive Data
TIAA01-TIAA31
Timer TAA01-TAA31 capture trigger
FCTX0-FCTX5
CAN0-CAN5 Transmit Data
TIAB00 - TIAB03
Timer TAB0 capture trigger input
FLMD0
Flash writing control
TIAB10 - TIAB13
Timer TAB1 capture trigger input
FLMD1
Mode control 1
TOAA00-TOAA30
Timer TAA00-TAA30 pulse signal output
FRXDA-FRXDB
FlexRay channel A&B receive data
TOAA01-TOAA31
Timer TAA00-TAA30 pulse signal output
FSTPWT
Interrupt signal from external FlexRay
TOAB00- TOAB03
Timer TAB0 pulse signal output
FTINT0
Interrupt signal from internal FlexRay
TOAB10- TOAB13
Timer TAB1 pulse signal output
FTXDA-FTXDB
FlexRay channel A&B transmit data
TOAB0B1 - TOAB0B3 Motor Control ouput signal
FTXENA-FTXENB FlexRay channel A&B transmit perm.
TOAB0T1 - TOAB0T3
Motor Control ouput signal
ICL
IIC clock
TTRGAA0-TTRGAA3
Timer TAA0-TAA3 trigger input
IDAT
IIC data
TTRGAB0-TTRGAB1
Timer TAB0-TAB1 trigger input
INICRST
MediaLB RESET output
TXDD0-TXDD5
UARTD0-UARTD5 transmit data
INTP0-INP14
External interrupts
TXGAIN
MediaLB FOT TxGAIN output
MCLK
MediaLB clock input
VDD30-VDD32
3V Main Supply Voltage
MDAT
MediaLB data
VDD50
5V Isolated Area Supply Voltage
MRESET
Main Area RESET input
VSS30-VSS32
3V Main Ground
MSIG
MediaLB signal
VSS50
5V Isolated Area Ground
MVDD
Memory interface power supply
WAIT
Ext. memory interface data wait request
MVSS
memory interface ground
WDTOUT
Isolated Area Watchdog Timer Status
NMI
Non-maskable interrupt
WRH
Ext. memory interface write high strobe
P60-P61
Isolated Area Wake-Up input
WRL
Ext. memory interface write high strobe
P62-P63
Isolated Area Output
X1-X2
Main oscillator terminals
RD
External memory interface read strobe
XT1-XT2
Subclock oscillator terminals


Similar Part No. - PD70F3461_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD70F3433(A) RENESAS-PD70F3433(A)_15 Datasheet
442Kb / 40P
   V850E/CG4TM CarGate-3G-384F 32-Bit Flash Microcontroller
More results

Similar Description - PD70F3461_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3433(A) RENESAS-PD70F3433(A)_15 Datasheet
442Kb / 40P
   V850E/CG4TM CarGate-3G-384F 32-Bit Flash Microcontroller
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com